Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCL TL 2000 Datasheet (PDF) - Wavelength Electronics, Inc.

QCL TL 2000 Datasheet PDF - Wavelength Electronics, Inc.
Part # QCL TL 2000
Download  QCL TL 2000 Download
File Size   4121.92 Kbytes
Page   29 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Low-Noise QCL Driver — Laboratory

QCL TL 2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
QCL TL 2000 Datasheet PDF - Wavelength Electronics, Inc.

Part # QCL TL 2000
Download  QCL TL 2000 Click to download

File Size   4121.92 Kbytes
Page   29 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Low-Noise QCL Driver — Laboratory

QCL TL 2000 Datasheet (HTML) - Wavelength Electronics, Inc.


QCL TL 2000 Product details

FEATURES
• Output currents of 500 mA, 1 A, 1.5 A, 2 A
• Low noise: <0.4 μA RMS up to 100 kHz
(QCL500, typical)
• Compliance voltage is adjustable, 10 to 20 V
(NOTE: The unit will only deliver the voltage
that the load requires, up to the compliance
voltage limit.)
• Analog modulation up to 2-3 MHz
• Constant Current Mode operation
• Touchscreen with intuitive user interface
• CE compliant, compatible with CDRH laser
regulations
• Feature-rich for research projects
»»USB and Ethernet interfaces with software
included
»»Auto voltage/current scan function
»»Data collection using a computer or USB
flash drive
»»Field upgradeable firmware
»»Sophisticated error handling
»»Save and recall functions for specific set
ups
• Rack mountable: 2 U height and ½ rack width
• Safety features protect your QCL investment
»»Adjustable soft-clamp current limit, with
Brick-Wall Never-Exceed circuitry
»»Password protection available to lock out a
selectable control set
»»Key switch, active, and passive interlocks
»»Brown-out & overvoltage protection
»»Power supply overcurrent protection
»»Driver over-temperature protection circuit
»»Relay shorts output when current is
disabled
»»AC input and patented power supply
filtering
»»2 second turn-on delay — adjustable
»»1.5 msec current ramp
APPLICATIONS
Due to their unique construction, QCLs operate with high
power in the near-IR through terahertz ranges. These
wavelengths are particularly suited to detection of molecules
significant to humans.
Applications for the lower noise QCL driver include: remote
detection of explosive materials, medical diagnosis using the
breath, non-invasive glucose testing, emissions monitoring of
the atmosphere or marine environments, and pharmaceutical
process quality control. Additional applications include
anesthesia and hospital air quality monitoring, leak detection,
and remote imaging.




Similar Part No. - QCL TL 2000

ManufacturerPart #DatasheetDescription
logo
QANTEK Technology Corpo...
QCL QANTEK-QCL Datasheet
213Kb / 2P
QCL Series
logo
Wavelength Electronics,...
QCL-LAB WAVELENGTH-QCL-LAB Datasheet
4Mb / 24P
Low-Noise QCL Driver — Laboratory
January 2025
QCL-LAB161 WAVELENGTH-QCL-LAB161 Datasheet
7Mb / 24P
Low-Noise QCL Driver — Laboratory
December 2023
QCL-OEM-PLUS WAVELENGTH-QCL-OEM-PLUS Datasheet
3Mb / 22P
Low-Noise Quantum Cascade Laser Driver
August 2023
QCL-PTC WAVELENGTH-QCL-PTC Datasheet
554Kb / 2P
QCL Driver with Temperature Controller
Feb 2016
More results


Similar Description - QCL TL 2000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3570 NSC-LM3570 Datasheet
352Kb / 13P
Low Noise White LED Driver System
logo
Supertex, Inc
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
logo
List of Unclassifed Man...
ATLS1A102 ETC2-ATLS1A102 Datasheet
104Kb / 6P
Low Noise Constant Current Laser Driver
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
12.5-17GHz Low-Noise Driver Amplifier
logo
Micrel Semiconductor
MIC4832 MICREL-MIC4832_09 Datasheet
497Kb / 11P
Low Noise 220VPP EL Driver
MIC4830 MICREL-MIC4830_09 Datasheet
609Kb / 12P
Low Noise 180VPP EL Driver
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Linear Technology
LTC1340 LINER-LTC1340_15 Datasheet
241Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
logo
Supertex, Inc
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
Low Noise, Dimmable EL Lamp Driver
logo
Microchip Technology
MIC4832 MICROCHIP-MIC4832 Datasheet
2Mb / 22P
Low-Noise 220VPP EL Driver
Rev.B February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com